Part Number Hot Search : 
DMN60 DMN60 TI165F11 0DC24 NTE1558 DMN60 74HC00 102M10V
Product Description
Full Text Search
 

To Download VS9PTRH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCXO
Page 1 of 3
VS9P: PLL LVPECL SERIES: LOW COST UHF/HF VCXO, LVPECL, +3.3 VDC
DESCRIPTION: A low cost voltage control crystal oscillator, high frequency, highly stable oscillator, adhering to Low Voltage Differential Signaling (LVPECL) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for today's automated assembly environments.
APPLICATIONS AND FEATURES:
" " " " " " Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches; Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz +3.3 VDC LVPECL Frequency Range from 750KHz to 800 MHz PLL multiplication (F>25MHz) Miniature Ceramic SMD Package Available on Tape and Reel Lead Free and ROHS Compliant
SYMBOL Ta T(stg) Vcc Vi Vo VALUE -40...+85 -55...+90 +4.6 Vss-0.5...Vcc+0.5 Vss-0.5...Vcc+0.5 UNIT C C VDC VDC VDC
$
" ABSOLUTE MAXIMUM RATINGS:
PARAMETER
Operating temperature range Storage temperature range Supply voltage Maximum Input Voltage Maximum Output Voltage
$
ELECTRICAL PARAMETERS:
PARAMETER SYMBOL fo Vcc Is Connected between each output and Vcc - 2.0 VDC min max Measured at 50% of output voltage swing Measured at 20/80% and 80/20% output voltage swing Integrated Phase tji RMS, Fo=155.52MHz Fj = 12 kHz...20 MHz5 Fo=622.08MHz Fo=155.52MHz. Random period Jitter Rj using wavecrest analyzer 4 Fo=622.08MHz Fo=155.52MHz. Acumm. Peak to Peak Jitter Tp-p using wavecrest analyzer*4 Fo=622.08MHz f=10 Hz f=100 Hz f=1 KHz f=10 KHz typ. @155.52MHz6 f=100 KHz f=1M Hz f=10M Hz f>20M Hz
Op. Temp., Aging, Load, and Supply Variations
TEST CONDITIONS*1
VALUE 0.75 to 800 +3.3 5% 100.0 MAX LVPECL 50 Vcc-1.025 Vcc-1.620 40/60 to 60/40 or 45/55 to 55/45 0.7 TYP 1.0 MAX*2 2.6 TYP** 2.5 TYP** 4 TYP ** 6 TYP ** 30 TYP** 40 TYP** -60 -90 -120 -125 -121 -121 -140 -145
<50*(Note 7)
UNIT MHz VDC mA VDC VDC % ns ps ps ps
Nominal Frequency Supply Voltage Supply Current Output Logic Type Load Output Voltage Levels Duty Cycle Rise / Fall Time
Voh Vol DC tr / tf
Jitter
J
Phase Noise
(f)
dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
ppm
Overall Frequency Stability typ.
f/fc
Control Voltage Range Settability Absolute Pull Range Input Impedance Modulation Bandwidth Enable High Option; Pin 2 Output Enabled Output Disabled Enable Low Option; Pin 2 Output Disabled Output Enabled
VC Vfo APR Zin BW En Dis Dis En
Positive slope; 10% linearity MAX Minimum guaranteed freq. pull over f/fc, over all conditions -3 dB High Voltage or No Connect Ground High Voltage Ground or No Connect
th
0 to +3.3 +1.65 0.25 See Part Numbering 10 MIN 10 MIN 0.7*Vcc MIN 0.3*Vcc MAX 0.7*Vcc MIN 0.3*Vcc MAX
VDC VDC ppm k kHz VDC VDC VDC VDC
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
VCXO
Page 2 of 3
*1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25 3C *2 Frequency Dependent *3 May not be Available With All Temperature Ranges or Frequencies -- Please Consult Factory *4 Measured with Wavecrest SIA-3000A 10,000, Cycles no filtering *5 Calculated from Agilent 5500 phase noise measurements *6 Measured with Agilent 5500 *7 Tighter stabilities maybe available upon request - please consult factory
$
PART NUMBERING SYSTEM:
SERIES SYMMETRY
A: 40/60 to 60/40% T: 45/55 to 55/45%
TEMPERATURE RANGE (C)
R: S: U: V: 0...+50 0...+70 -20...+70 -40...+85
ABSOLUTE PULL RANGE
K: 20 ppm I: 25 ppm F: 32 ppm H: 50 ppm G: 80 ppm J: 100 ppm*(note 3)
FREQUENCY (MHz)
0.75...800.000
Enable/Disable
Enable High - standard (Omit Suffix) EL; Enable Low
VS9P: UHF +3.3Vdc VCXO with LVPECL Comp. Output
EXAMPLE: VS9PASH -155.520 VCXO, 7x5mm Package, +3.3 VDC Supply Voltage, LVPECL Output, Standard Symmetry, 0...+70C Operating Temperature Range, 50 ppm APR, 25 ppm stability, 155.520 MHz
$
MECHANICAL PARAMETERS:
INDICATES PIN 1.
.197 .008 5.0 0.2
OUTLINE TOLERANCE: 0.006" / 0.15mm (Unless otherwise specified) PIN FUNCTIONS: [1] VOLTAGE CONTROL [2] ENABLE/ DISABLE, OR NO CONNECT [3] CASE GROUND [4] OUTPUT [5] COMP. OUTPUT [6] SUPPLY VOLTAGE MARKING: VS9PASH 155.52 RAL D/C *0.01F external by-pass
.276 .008 7.0 0.2
.079 MAX. 2.00 MAX.
.200 5.08 .100 2.54 1
.050 1.27
.079 TYP. 2.00 TYP. 3
.150 3.81
2
.087 2.20
6
5 .055 TYP. 1.40
4 .071 1.80 .100 2.54
filter is recommended as seen on solder pattern.
SOLDER PATTERN
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
th
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
VCXO
Page 3 of 3
!
REFLOW PROFILE:
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
th
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com


▲Up To Search▲   

 
Price & Availability of VS9PTRH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X